PART |
Description |
Maker |
HIP6211 HIP6211-15UZ HIP6211-15VZ HIP6211-18UZ HIP |
Dual Low Noise LDO in 3mm×3mm MLF?/a> Dual Low Noise LDO in 3mm?3mm MLF??/a> Dual Low Noise LDO in 3mm隆驴3mm MLF垄芒 Dual Low Noise LDO in 3mm】3mm MLF⑩
|
List of Unclassifed Manufacturers ETC
|
ISL9000AIRJRZ ISL9000AIRJMZ ISL9000AIRJCZ ISL9000A |
Dual LDO with Low Noise, Very High PSRR, and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9014IRBBZ |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9016IRUJCZ-T ISL9016IRUJJZ-T ISL9016IRUJWZ-T IS |
150mA Dual LDO with Low Noise, High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
Intersil, Corp. Intersil Corporation
|
ISL9014AIRKKZ |
Dual LDO with Low Noise, Low IQ, and High PSRR
|
Renesas Electronics Corporation
|
ISL900006 ISL9000IRNNZ ISL9000IRPPZ ISL9000 ISL900 |
Dual LDO with Low Noise, Very High PSRR, and Low IQ
|
INTERSIL[Intersil Corporation]
|
ISL78302ARBFZ ISL78302ARBNZ ISL78302ARCWZ ISL78302 |
Dual LDO with Low Noise, High Performance and Low IQ
|
Intersil Corporation
|
ISL9011IRKKZ |
Dual LDO with Low Noise, Low IQ and High PSRR
|
Renesas Electronics Corporation
|
MIC5252 MIC5252-1.8BM5 MIC5252-2.5BM5 MIC5252-2.85 |
150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, DSO6 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 300 kHz 14-HTSSOP -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
R1113Z501A-EX R1113Z351A-EX R1113Z301A-EX R1113Z15 |
LOW NOISE 150mA LDO REGULATOR 低噪50mA的LDO稳压 LOW NOISE 150mA LDO REGULATOR 3.5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PBGA4
|
Ricoh Co., Ltd.
|
|